| データシートサーチシステム |
|
LS1021ASE7MQB データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1021ASE7MQB データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 205 page ![]() Table 1. Pinout list by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes EC1_RX_DV/GPIO3_14/ SAI2_RX_BCLK/ FTM1_QD_PHB Receive Data Valid AC6 I L1VDD 1 EC1_TXD0/GPIO3_05/ SAI2_TX_SYNC/FTM1_CH2 Transmit Data AA6 O L1VDD 1 EC1_TXD1/GPIO3_04/ SAI1_TX_SYNC/FTM1_CH3 Transmit Data Y6 O L1VDD 1 EC1_TXD2/GPIO3_03/ CAN1_TX/SAI2_TX_DATA/ FTM1_CH7 Transmit Data AA5 O L1VDD 1 EC1_TXD3/GPIO3_02/ CAN2_TX/SAI1_TX_DATA/ FTM1_CH5 Transmit Data W5 O L1VDD 1 EC1_TX_EN/GPIO3_06/ SAI1_TX_BCLK/FTM1_FAULT Transmit Enable W6 O L1VDD 1, 14 Ethernet Controller 2 EC2_GTX_CLK/GPIO3_20/ EC2_TX_CLK/USB2_CLK/ FTM2_EXTCLK Transmit Clock Out U3 O LVDD 1 EC2_GTX_CLK125/ GPIO3_21/EC2_RX_ER/ USB2_PWRFAULT Reference Clock U5 I LVDD 1 EC2_RXD0/GPIO3_25/ USB2_D0/FTM2_CH0 Receive Data U2 I LVDD 1 EC2_RXD1/GPIO3_24/ USB2_D1/FTM2_CH1 Receive Data U1 I LVDD 1 EC2_RXD2/GPIO3_23/ CAN3_RX/USB2_D2/ FTM2_CH6 Receive Data T1 I LVDD 1 EC2_RXD3/GPIO3_22/ CAN4_RX/USB2_D3/ FTM2_CH4 Receive Data R2 I LVDD 1 EC2_RX_CLK/GPIO3_26/ USB2_DIR/FTM2_QD_PHA Receive Clock R1 I LVDD 1 EC2_RX_DV/GPIO3_27/ USB2_NXT/FTM2_QD_PHB Receive Data Valid V1 I LVDD 1 EC2_TXD0/GPIO3_18/ USB2_D4/FTM2_CH2 Transmit Data T3 O LVDD 1 EC2_TXD1/GPIO3_17/ USB2_D5/FTM2_CH3 Transmit Data T4 O LVDD 1 EC2_TXD2/GPIO3_16/ CAN3_TX/USB2_D6/ FTM2_CH7 Transmit Data R3 O LVDD 1 EC2_TXD3/GPIO3_15/ CAN4_TX/USB2_D7/ FTM2_CH5 Transmit Data R4 O LVDD 1 Table continues on the next page... LS1021A Ball Map and Pin List QorIQ LS1021A Data Sheet, Rev. 5, 09/2017 NXP Semiconductors 21 |