| データシートサーチシステム |
|
LS1021ASE7MQB データシート(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1021ASE7MQB データシート(HTML) 39 Page - NXP Semiconductors |
|
39 / 205 page ![]() Table 1. Pinout list by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes USB2_D3/ EC2_RXD3/ GPIO3_22/CAN4_RX/ FTM2_CH4 Data R2 IO LVDD --- USB2_D4/ EC2_TXD0/ GPIO3_18/FTM2_CH2 Data T3 IO LVDD --- USB2_D5/ EC2_TXD1/ GPIO3_17/FTM2_CH3 Data T4 IO LVDD --- USB2_D6/ EC2_TXD2/ GPIO3_16/CAN3_TX/ FTM2_CH7 Data R3 IO LVDD --- USB2_D7/ EC2_TXD3/ GPIO3_15/CAN4_TX/ FTM2_CH5 Data R4 IO LVDD --- USB2_DIR/ EC2_RX_CLK/ GPIO3_26/FTM2_QD_PHA USB2 Direction R1 I LVDD 1 USB2_DRVVBUS/ EC3_GTX_CLK125/ GPIO4_02/EC2_COL/ EC3_RX_ER USB2 5V Supply Enable Y4 O LVDD 1 USB2_NXT/ EC2_RX_DV/ GPIO3_27/FTM2_QD_PHB USB2 Next V1 I LVDD 1 USB2_PWRFAULT/ EC2_GTX_CLK125/ GPIO3_21/EC2_RX_ER USB2 Power Fault U5 I LVDD 1 USB2_STP/ EC2_TX_EN/ GPIO3_19/FTM2_FAULT USB2 Stop T5 O LVDD 1 IEEE1588 TSEC_1588_ALARM_OUT1/ EC3_TXD2/GPIO3_29/ FTM3_CH6 Alarm Out 1 V4 O LVDD 1 TSEC_1588_ALARM_OUT2/ EC3_TXD3/GPIO3_28/ FTM3_CH7 Alarm Out 2 V3 O LVDD 1 TSEC_1588_CLK_IN/ EC3_RX_CLK/GPIO4_07/ FTM3_QD_PHA Clock In V2 I LVDD 1 TSEC_1588_CLK_OUT/ EC3_TXD1/GPIO3_30/ FTM3_CH5 Clock Out W3 O LVDD 1 TSEC_1588_PULSE_OUT1/ EC3_RXD1/GPIO4_05/ FTM3_CH3 Pulse Out 1 Y2 O LVDD 1 TSEC_1588_PULSE_OUT2/ EC3_TXD0/GPIO3_31/ FTM3_CH4 Pulse Out 2 W4 O LVDD 1 Table continues on the next page... LS1021A Ball Map and Pin List QorIQ LS1021A Data Sheet, Rev. 5, 09/2017 NXP Semiconductors 39 |