| データシートサーチシステム |
|
LAN9252/ML データシート(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252/ML データシート(HTML) 26 Page - Microchip Technology |
|
26 / 329 page ![]() LAN9252 DS00001909A-page 26 2015 Microchip Technology Inc. TABLE 3-12: LED & CONFIGURATION STRAP PIN DESCRIPTIONS Num Pins Name Symbol Buffer Type Description 1 Link/Activity LED Port 2 LINKACTLED2 VOD12/ VOS12 This pin is the Link/Activity LED output (off=no link, on=link without activity, blinking=link and activity) for port 2. This pin is configured to be an open-drain/open- source output. The choice of open-drain vs. open- source as well as the polarity of this pin depends upon the strap value sampled at reset. Note: Refer to Section 12.10, "LEDs," on page 208 to additional information. MII Port Link Polarity Configuration Strap MII_LINKPOL VIS (PU) This strap configures the polarity of the MII_LINK pin by setting the value of link_pol_strap_mii. See Note 10. 1 Run LED RUNLED VOD12/ VOS12 This pin is the Run LED output and is controlled by the AL Status Register. This pin is configured to be open-drain/open-source output. The choice of open-drain vs. open-source as well as the polarity of this pin depends upon the strap value sampled at reset. Note: Refer to Section 12.10, "LEDs," on page 208 to additional information. EEPROM Size Configuration Strap E2PSIZE VIS (PU) This strap configures the value of the EEPROM size hard-strap. See Note 10. A low selects 1K bits (128 x 8) through 16K bits (2K x 8). A high selects 32K bits (4K x 8) through 4Mbits (512K x 8). 1 Link / Activity LED Port 1 LINKACTLED1 VOD12/ VOS12 This pin is the Link/Activity LED output (off=no link, on=link without activity, blinking=link and activity) for port 1. This pin is configured to be open-drain/open-source output. The choice of open-drain vs. open-source as well as the polarity of this pin depends upon the strap value sampled at reset. Note: Refer to Section 12.10, "LEDs," on page 208 to additional information. Chip Mode Configuration Strap 1 CHIP_MODE1 VIS (PU) This strap, along with CHIP_MODE0, configures the value of the Chip Mode hard-strap. See Note 10. |