| データシートサーチシステム |
|
LAN9252/ML データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252/ML データシート(HTML) 31 Page - Microchip Technology |
|
31 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 31 LAN9252 4.1 Internal Voltage Regulators The device contains two internal 1.2 V regulators: • 1.2 V Core Regulator • 1.2 V Crystal Oscillator Regulator 4.1.1 1.2 V CORE REGULATOR The core regulator supplies 1.2 V volts to the main core digital logic, the I/O pads, and the PHYs’ digital logic and can be used to supply the 1.2 V power to the PHY analog sections (via an external connection). When the REG_EN input pin is connected to 3.3 V, the core regulator is enabled and receives 3.3 V on the VDD33 pin. A 1.0 uF 0.1 ESR capacitor must be connected to the VDDCR pin associated with the regulator. When the REG_EN input pin is connected to VSS, the core regulator is disabled. However, 3.3 V must still be supplied to the VDD33 pin. The 1.2 V core voltage must then be externally input into the VDDCR pins. 4.1.2 1.2 V CRYSTAL OSCILLATOR REGULATOR The crystal oscillator regulator supplies 1.2 V volts to the crystal oscillator. When the REG_EN input pin is connected to 3.3 V, the crystal oscillator regulator is enabled and receives 3.3 V on the VDD33 pin. An external capacitor is not required. When the REG_EN input pin is connected to VSS, the crystal oscillator regulator is disabled. However, 3.3 V must still be supplied to the VDD33 pin. The 1.2 V crystal oscillator voltage must then be externally input into the OSCVDD12 pin. |