| データシートサーチシステム |
|
PCM1738E/2K データシート(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1738E/2K データシート(HTML) 39 Page - Texas Instruments |
|
39 / 47 page ![]() www.ti.com APPLICATION FOR MONAURAL-MODE OPERATION L/RClock AudioData BitClock SystemClock Controller PCM1738 PCM1738 LRCK LRCK DATA DATA BCK BCK SCKI SCKI MC,,MDI CS MC,,MDI CS I L– OUT I L– OUT I L+ OUT I L+ OUT I R– OUT I R– OUT I R+ OUT I R+ OUT AnalogOutput Stage AnalogOutput Stage V L-Channel OUT V R-Channel OUT B0203-01 PCM1738 SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007 Single-channel signals within stereo-audio data input are output to both IOUTL and IOUTR as differential outputs. Selection of channels to output is available with the CHSL bit in register 20. Applications, such as monaural operation,are useful for high-end audio applications to provide over 120 dB for dynamic range. A typical MONO mode application is shown in Figure 47. Figure 47. Connection Diagram for Monaural-Mode Interface 39 Submit Documentation Feedback |