データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H523CEU6 データシート(PDF) 107 Page - STMicroelectronics

部品番号 STM32H523CEU6
部品情報  Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS Arm Cortex -M33 32-bit MCUTrustZone FPU, 375 DMIPS
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H523CEU6 データシート(HTML) 107 Page - STMicroelectronics

Back Button STM32H523CEU6 Datasheet HTML 103Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 104Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 105Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 106Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 107Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 108Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 109Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 110Page - STMicroelectronics STM32H523CEU6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 228 page
background image
DS14540 Rev 1
107/228
STM32H523xx
Electrical characteristics
197
Table 30. Typical consumption in Run mode with CoreMark running
from flash memory and SRAM(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
LDO
Unit
Typ
LDO
Unit
Peripheral
Code
IDD(Run)
Supply current
in Run mode
All peripherals
disabled,
instruction cache
2-way,
prefetch ON
FLASH
250
30.8
mA
123.1
μA/MHz
200
24.5
122.5
168
18.1
107.7
150
14.8
98.9
100
9.5
94.8
All peripherals
disabled,
instruction cache
1-way,
prefetch ON
FLASH
250
27.6
110.4
200
19.1
95.4
150
13.4
89.4
100
8.5
85.3
All peripherals
disabled,
instruction cache
2-way
SRAM
250
30.1
120.5
200
20.8
103.9
168
17.6
104.8
150
14.5
97.0
100
9.2
92.4
All peripherals
disabled,
instruction cache
1-way
SRAM
250
26.8
107.3
200
18.6
92.8
150
13.0
86.8
100
8.3
82.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More