| データシートサーチシステム |
|
STM32F205RFT6 データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RFT6 データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 184 page ![]() DocID15818 Rev 15 47/184 STM32F20xxx Pinouts and pin description 183 Table 8. STM32F20x pin and ball definitions Pins Pin name (function after reset)(1) Alternate functions Additional functions - - 1 1 1 A2 PE2 I/O FT - TRACECLK, FSMC_A23, ETH_MII_TXD3, EVENTOUT - - - 2 2 2 A1 PE3 I/O FT - TRACED0,FSMC_A19, EVENTOUT - - - 3 3 3 B1 PE4 I/O FT - TRACED1,FSMC_A20, DCMI_D4, EVENTOUT - - - 4 4 4 B2 PE5 I/O FT - TRACED2, FSMC_A21, TIM9_CH1, DCMI_D6, EVENTOUT - - - 5 5 5 B3 PE6 I/O FT - TRACED3, FSMC_A22, TIM9_CH2, DCMI_D7, EVENTOUT - 1A9 6 6 6 C1 VBAT S- - - -- - - 7 D2 PI8 I/O FT (2)(3) EVENTOUT RTC_AF2 2B8 7 7 8 D1 PC13 I/O FT (2)(3) EVENTOUT RTC_AF1 3B9 8 8 9 E1 PC14/OSC32_IN (PC14) I/O FT (2)(3) EVENTOUT OSC32_IN(4) 4C9 9 910 F1 PC15-OSC32_OUT (PC15) I/O FT (2)(3) EVENTOUT OSC32_OUT(4) - - - - 11 D3 PI9 I/O FT - CAN1_RX,EVENTOUT - - - - - 12 E3 PI10 I/O FT - ETH_MII_RX_ER, EVENTOUT - - - - - 13 E4 PI11 I/O FT - OTG_HS_ULPI_DIR, EVENTOUT - -- - - 14 F2 VSS S- - - -- - - 15 F3 VDD S- - - -- - 10 16 E2 PF0 I/O FT - FSMC_A0, I2C2_SDA, EVENTOUT - -- - 11 17 H3 PF1 I/O FT - FSMC_A1, I2C2_SCL, EVENTOUT - -- - 12 18 H2 PF2 I/O FT - FSMC_A2, I2C2_SMBA, EVENTOUT - -- - 13 19 J2 PF3 I/O FT (4) FSMC_A3, EVENTOUT ADC3_IN9 |