データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C02 データシート(PDF) 9 Page - IC MICROSYSTEMS

部品番号 X24C02
部品情報  Serial E2PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C02 データシート(HTML) 9 Page - IC MICROSYSTEMS

Back Button X24C02 Datasheet HTML 5Page - IC MICROSYSTEMS X24C02 Datasheet HTML 6Page - IC MICROSYSTEMS X24C02 Datasheet HTML 7Page - IC MICROSYSTEMS X24C02 Datasheet HTML 8Page - IC MICROSYSTEMS X24C02 Datasheet HTML 9Page - IC MICROSYSTEMS X24C02 Datasheet HTML 10Page - IC MICROSYSTEMS X24C02 Datasheet HTML 11Page - IC MICROSYSTEMS X24C02 Datasheet HTML 12Page - IC MICROSYSTEMS X24C02 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X24C02
9
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
.................. –65°C to +135°C
Storage Temperature ....................... –65°C to +150°C
Voltage on any Pin with
Respect to V SS ................................ –1.0V to +7.0V
D.C. Output Current ............................................ 5 mA
Lead Temperature (Soldering, 10 Seconds) ..... 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Supply Voltage
Limits
X24C02
4.5V to 5.5V
X24C02-3.5
3.5V to 5.5V
X24C02-3
3V to 5.5V
X24C02-2.7
2.7 to 5.5V
3838 PGM T10
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
3838 PGM T09
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified).
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC1
Power Supply Current (read)
1
mA
SCL = VCC x 0.1/VCC x 0.9 Levels @ 100
KHz, SDA = Open, All Other
lCC2
Power Supply Current (write)
2
Inputs = GND or VCC – 0.3V
I
SB
(1)
Standby Current
50
A
SCL = SDA = VCC – 0.3V, All other
Inputs = GND or VCC, VCC = 5.5V
I
SB
(2)
Standby Current
30
A
SCL = SDA = VCC – 0.3V, All Other
Inputs = GND or VCC = 3.3V + 10%
ILI
Input Leakage Current
10
A
VIN = GND to VCC
ILO
Output Leakage Current
10
A
VOUT = GND to VCC
V
lL
(2)
Input Low Voltage
–1.0
VCC x 0.3
V
V
IH
(2)
Input High Voltage
VCC x 0.7VCC + 0.5
V
VOL
Output Low Voltage
0.4
V
IOL = 3 mA
3838 PGM T02
CAPACITANCE TA = 25°C, f = 1 MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
C
I/O
(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (A0, A1, A2, SCL, WC)
6
pF
VIN = 0V
3838 PGM T04
Notes:(1)Must perform a stop command prior to measurement.
(2)VIL min. and VIH max. are for reference only and are not tested. (3)This
parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com