データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C02 データシート(PDF) 1 Page - IC MICROSYSTEMS

部品番号 X24C02
部品情報  Serial E2PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C02 データシート(HTML) 1 Page - IC MICROSYSTEMS

  X24C02 Datasheet HTML 1Page - IC MICROSYSTEMS X24C02 Datasheet HTML 2Page - IC MICROSYSTEMS X24C02 Datasheet HTML 3Page - IC MICROSYSTEMS X24C02 Datasheet HTML 4Page - IC MICROSYSTEMS X24C02 Datasheet HTML 5Page - IC MICROSYSTEMS X24C02 Datasheet HTML 6Page - IC MICROSYSTEMS X24C02 Datasheet HTML 7Page - IC MICROSYSTEMS X24C02 Datasheet HTML 8Page - IC MICROSYSTEMS X24C02 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This X24C02 device has been acquired by
IC Microsystems Sdn Bhd from Xicor, Inc.
1
2K
X24C02
256 x 8 Bit
Serial E
2PROM
© Xicor, 1991 Patents Pending
Characteristics subject to change without notice
DESCRIPTION
The X24C02 is CMOS a 2048 bit serial E
2
PROM,
internally organized 256 x 8. The X24C02 features a serial
interface and software protocol allowing operation on a
simple two wire bus. Three address inputs allow up to eight
devices to share a common two wire bus.
Xicor E
2
PROMs are designed and tested for applications
requiring extended endurance. Inherent data
retention is greater than 100 years. Available in DIP,
MSOP and SOIC packages.
FEATURES
2.7V to 5.5V Power Supply
Low Power CMOS
—Active Current Less Than 1 mA
—Standby Current Less Than 50 A
Internally Organized 256 x 8
Self Timed Write Cycle
—Typical Write Cycle Time of 5 ms
2 Wire Serial Interface
—Bidirectional Data Transfer Protocol
Four Byte Page Write Operation
—Minimizes Total Write Time Per Byte
High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
New Hardwire—Write Control Function
FUNCTIONAL DIAGRAM
3838 FHD F01
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER
+COMPARATOR
H.V. GENERATION
TIMING
& CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
D
OUT
ACK
E
2
PROM
64 X 32
DATA REGISTER
START CYCLE
(8) V
CC
R/W
PIN
(4) V
SS
(5) SDA
(6) SCL
(3) A2
(2) A1
(1) A0
D
OUT
LOAD
INC
CK
8
(7) WC
3838-1.2 7/30/96 T0/C3/D1 SH
ICmic
IC MICROSYSTEMS
TM


同様の部品番号 - X24C02

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C02M XICOR-X24C02M Datasheet
66Kb / 16P
Serial E2PROM
X24C02M-2.7 XICOR-X24C02M-2.7 Datasheet
66Kb / 16P
Serial E2PROM
X24C02M-3 XICOR-X24C02M-3 Datasheet
66Kb / 16P
Serial E2PROM
X24C02M-3.5 XICOR-X24C02M-3.5 Datasheet
66Kb / 16P
Serial E2PROM
More results

同様の説明 - X24C02

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com