| データシートサーチシステム |
|
STM32F427AI データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AI データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 231 page ![]() DocID024030 Rev 6 53/231 STM32F427xx STM32F429xx Pinouts and pin description 83 -10 F2 E2 16 F11 16 D2 PF0 I/O FT I2C2_SDA, FMC_A0, EVENTOUT -11 F3 H3 17 E9 17 E2 PF1 I/O FT I2C2_SCL, FMC_A1, EVENTOUT - 12 G5 H2 18 F10 18 G2 PF2 I/O FT I2C2_SMBA, FMC_A2, EVENTOUT - - - - - - 19 E3 PI12 I/O FT LCD_HSYNC, EVENTOUT - - - - - - 20 G3 PI13 I/O FT LCD_VSYNC, EVENTOUT - - - - - - 21 H3 PI14 I/O FT LCD_CLK, EVENTOUT -13 G4 J2 19 G11 22 H2 PF3 I/O FT (5) FMC_A3, EVENTOUT ADC3_IN9 -14 G3 J3 20 F9 23 J2 PF4 I/O FT (5) FMC_A4, EVENTOUT ADC3_ IN14 -15 H3 K3 21 F8 24 K3 PF5 I/O FT (5) FMC_A5, EVENTOUT ADC3_ IN15 10 16 G7 G2 22 H7 25 H6 VSS S 11 17 G8 G3 23 - 26 H5 VDD S -18 NC (2) K2 24 G10 27 K2 PF6 I/O FT (5) TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_Rx, FMC_NIORD, EVENTOUT ADC3_IN4 -19 NC (2) K1 25 F7 28 K1 PF7 I/O FT (5) TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_Tx, FMC_NREG, EVENTOUT ADC3_IN5 -20 NC (2) L3 26 H11 29 L3 PF8 I/O FT (5) SPI5_MISO, SAI1_SCK_B, TIM13_CH1, FMC_NIOWR, EVENTOUT ADC3_IN6 Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |