データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F427AI データシート(PDF) 14 Page - STMicroelectronics

部品番号 STM32F427AI
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AI データシート(HTML) 14 Page - STMicroelectronics

Back Button STM32F427AI Datasheet HTML 10Page - STMicroelectronics STM32F427AI Datasheet HTML 11Page - STMicroelectronics STM32F427AI Datasheet HTML 12Page - STMicroelectronics STM32F427AI Datasheet HTML 13Page - STMicroelectronics STM32F427AI Datasheet HTML 14Page - STMicroelectronics STM32F427AI Datasheet HTML 15Page - STMicroelectronics STM32F427AI Datasheet HTML 16Page - STMicroelectronics STM32F427AI Datasheet HTML 17Page - STMicroelectronics STM32F427AI Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 231 page
background image
These features make the STM32F427xx and STM32F429xx microcontrollers suitable for a wide range of applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
Figure 4 shows the general block diagram of the device family.
Table 2. STM32F427xx and STM32F429xx features and peripheral counts
Peripherals
STM32F427
Vx
STM32F429Vx
STM32F427
Zx
STM32F429Zx
STM32F427
Ax
STM32F429
Ax
STM32F427
Ix
STM32F429Ix
STM32F429Bx
STM32F429Nx
Flash memory in Kbytes
1024
2048
512 1024 2048 1024 2048 512 1024 2048 1024 2048 1024 2048 1024 2048 512 1024 2048 512 1024 2048 512 1024 2048
SRAM in
Kbytes
System
256(112+16+64+64)
Backup
4
FMC memory controller
Yes(1)
Ethernet
Yes
Timers
General-
purpose
10
Advanced
-control
2
Basic
2
Random number generator
Yes