データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C01PI データシート(PDF) 8 Page - IC MICROSYSTEMS

部品番号 X24C01PI
部品情報  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01PI データシート(HTML) 8 Page - IC MICROSYSTEMS

Back Button X24C01PI Datasheet HTML 4Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 5Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 6Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 7Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 8Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 9Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 10Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 11Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 12Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
X24C01
Supply Voltage
Limits
X24C01
4.5V to 5.5V
X24C01-3.5
3.5V to 5.5V
X24C01-3
3.0V to 5.5V
X24C01-2.7
2.7V to 5.5V
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
.................. –65°C to +135°C
Storage Temperature ....................... –65°C to +150°C
Voltage on any Pin with
Respect to VSS ............................ –1.0V to +7.0V
D.C. Output Current ............................................ 5 mA
Lead Temperature (Soldering,
10 Seconds)
............................. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
I
CC
(1)
VCC Supply Current (Read)
1
mA
SCL = VCC x 0.1/VCC x 0.9 Levels
I
CC
(2)
VCC Supply Current (Write)
2
@ 100 KHz, SDA = Open
I
SB1
(1)
VCC Standby Current
100
A
SCL = SDA = VCC,
VCC = 5V ± 10%
I
SB2
(1)
VCC Standby Current
50
A
SCL = SDA = VCC, VCC = 2.7V
ILI
Input Leakage Current
10
A
VIN = GND to VCC
ILO
Output Leakage Current
10
A
VOUT = GND to VCC
V
lL
(2)
Input Low Voltage
–1.0
VCC x 0.3
V
V
IH
(2)
Input High Voltage
VCC x 0.7VCC + 0.5
V
VOL
Output Low Voltage
0.4
V
IOL = 2.1 mA
3837 PGM T03
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (SCL)
6
pF
VIN = 0V
3837 PGM T05
Notes: (1) Must perform a stop command prior to measurement.
(2) VIL min. and VIH max. are for reference only and are not tested.
(3) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com