データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C01PI データシート(PDF) 14 Page - IC MICROSYSTEMS

部品番号 X24C01PI
部品情報  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01PI データシート(HTML) 14 Page - IC MICROSYSTEMS

Back Button X24C01PI Datasheet HTML 6Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 7Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 8Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 9Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 10Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 11Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 12Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 13Page - IC MICROSYSTEMS X24C01PI Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
X24C01
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express,
statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no
warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without
notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402;
4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional patents
pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection
and correction, redundancy and back-up features to prevent such an occurrence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose
failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the
user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
Device
ORDERING INFORMATION
VCC Limits
Blank = 4.5V to 5.5V
3.5 = 3.5V to 5.5V
3 = 3.0V to 5.5V
2.7 = 2.7V to 5.5V
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial = –40°C to +85°C
M = Military = –55°C to +125°C
Package
P = 8-Lead Plastic DIP
S = 8-Lead SOIC
M = 8-Lead MSOP
X24C01
P
T
G -V
X24C01
X G
X
Blank = 8-Lead SOIC
P = 8-Lead Plastic DIP
M = 8-Lead MSOP
G = RoHS compliant lead free
Blank = 4.5V to 5.5V, 0°C to +70°C
F = 2.7V to 5.5V, 0°C to +70°C
G = 2.7V to 5.5V, –40°C to +85°C
I = 4.5V to 5.5V, –40°C to +85°C
B = 3.5V to 5.5V, 0°C to +70°C
C = 3.5V to 5.5V, –40°C to +85°C
D = 3.0V to 5.5V, 0°C to +70°C
E = 3.0V to 5.5V, –40°C to +85°C
M = 4.5V to 5.5V, –55°C to +125°C
Part Mark Convention
G=RoHS Compliant Lead Free package
Blank = Standard package. Non lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com