データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X24C01GP データシート(PDF) 1 Page - IC MICROSYSTEMS

部品番号 X24C01GP
部品情報  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICMIC [IC MICROSYSTEMS]
ホームページ  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01GP データシート(HTML) 1 Page - IC MICROSYSTEMS

  X24C01GP Datasheet HTML 1Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 2Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 3Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 4Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 5Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 6Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 7Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 8Page - IC MICROSYSTEMS X24C01GP Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This X24C01 device has been acquired by
IC Microsystems from Xicor, Inc.
1
Serial E
2PROM
© Xicor, 1991 Patents Pending
Characteristics subject to change without notice
DESCRIPTION
The X24C01 is a CMOS 1024 bit serial E
2
PROM,
internally organized as 128 x 8. The X24C01 features a
serial interface and software protocol allowing operation
on a simple two wire bus.
Xicor E
2
PROMs are designed and tested for applica-
tions requiring extended endurance. Inherent data
retention is greater than 100 years.
FEATURES
•2.7V to 5.5V Power Supply
•Low Power CMOS
—Active Current Less Than 1 mA
—Standby Current Less Than 50 µA
•Internally Organized 128 x 8
•2 Wire Serial Interface
—Bidirectional Data Transfer Protocol
•Four Byte Page Write Mode
•Self Timed Write Cycle
—Typical Write Cycle Time of 5 ms
•High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
•8-Pin Mini-DIP, 8-PIN MSOP, and 8-PIN SOIC
Packages
1K
X24C01
128 x 8 Bit
3837 FHD F01
FUNCTIONAL DIAGRAM
START
STOP
LOGIC
CONTROL
LOGIC
H.V. GENERATION
TIMING
& CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
D
OUT
ACK
E
2
PROM
32 X 32
DATA REGISTER
START CYCLE
(8) V CC
R/W
PIN
(4) V SS
(5) SDA
(6) SCL
D
OUT
LOAD
INC
CK
8
3837-1.2 7/28/97 T1/C0/D0 SH
ICmic
IC MICROSYSTEMS
TM


同様の部品番号 - X24C01GP

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C01A XICOR-X24C01A Datasheet
58Kb / 13P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
logo
Xicor Inc.
X24C01AP XICOR-X24C01AP Datasheet
58Kb / 13P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01AP ICMIC-X24C01AP Datasheet
272Kb / 13P
Serial E2PROM
More results

同様の説明 - X24C01GP

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
Serial E2PROM
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com