データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F427AIH7 データシート(PDF) 55 Page - STMicroelectronics

部品番号 STM32F427AIH7
部品情報  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AIH7 データシート(HTML) 55 Page - STMicroelectronics

Back Button STM32F427AIH7 Datasheet HTML 51Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 52Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 53Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 54Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 55Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 56Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 57Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 58Page - STMicroelectronics STM32F427AIH7 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 231 page
background image
DocID024030 Rev 6
55/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
22
33
J4
R1
39
L10
42
R1
VDDA
S
23
34
J5
N3
40
K9
43
N3
PA0-WKUP
(PA0)
I/O FT (6)
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
USART2_CTS,
UART4_TX,
ETH_MII_CRS,
EVENTOUT
ADC123_
IN0/WKUP
(5)
24
35
K1
N2
41
K8
44
N2
PA1
I/O FT (5)
TIM2_CH2, TIM5_CH2,
USART2_RTS,
UART4_RX,
ETH_MII_RX_CLK/ETH
_RMII_REF_CLK,
EVENTOUT
ADC123_
IN1
25
36
K2
P2
42
L9
45
P2
PA2
I/O FT (5)
TIM2_CH3, TIM5_CH3,
TIM9_CH1,
USART2_TX,
ETH_MDIO,
EVENTOUT
ADC123_
IN2
-
-
L2
F4
43
-
46
K4
PH2
I/O FT
ETH_MII_CRS,
FMC_SDCKE0,
LCD_R0, EVENTOUT
-
-
L1
G4
44
-
47
J4
PH3
I/O FT
ETH_MII_COL,
FMC_SDNE0, LCD_R1,
EVENTOUT
-
-
M2
H4
45
-
48
H4
PH4
I/O FT
I2C2_SCL,
OTG_HS_ULPI_NXT,
EVENTOUT
-
-
L3
J4
46
-
49
J3
PH5
I/O FT
I2C2_SDA, SPI5_NSS,
FMC_SDNWE,
EVENTOUT
26
37
K3
R2
47 M11 50
R2
PA3
I/O FT (5)
TIM2_CH4, TIM5_CH4,
TIM9_CH2,
USART2_RX,
OTG_HS_ULPI_D0,
ETH_MII_COL,
LCD_B5, EVENTOUT
ADC123_
IN3
27
38
-
-
-
51
K6
VSS
S
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More