データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9120 データシート(PDF) 1 Page - Torex Semiconductor

部品番号 XC9120
部品情報  Step-Up DC/DC Controller IC,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9120 データシート(HTML) 1 Page - Torex Semiconductor

  XC9120 Datasheet HTML 1Page - Torex Semiconductor XC9120 Datasheet HTML 2Page - Torex Semiconductor XC9120 Datasheet HTML 3Page - Torex Semiconductor XC9120 Datasheet HTML 4Page - Torex Semiconductor XC9120 Datasheet HTML 5Page - Torex Semiconductor XC9120 Datasheet HTML 6Page - Torex Semiconductor XC9120 Datasheet HTML 7Page - Torex Semiconductor XC9120 Datasheet HTML 8Page - Torex Semiconductor XC9120 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
XC9120/XC9121/XC9122 Series
Step-Up DC/DC Controller IC, MAXDUTY: 93%
XC9122D091 (100kHz, 15.0V)
0
20
40
60
80
100
0.1
1
10
100
Output Current: IOUT(mA)
VIN=2.7V
L=47uH(CDRH5D28),SD:XB01SB04A2
CL=40uF(Ceramic),Tr:161A11A1
3.2V
4.2V
3.6V
PWM/PFM
PWM
■GENERAL DESCRIPTION
XC9120/9121/9122 Series are PWM, PWM/PFM auto/external switching controlled step-up DC/DC converter controller ICs.
Since maximum duty ratio is as large as 93%, the series is the best for the applications used as high step-up ratios, such as
the LCD panels and OLED. In this series, even if it is a high step-up ratio, the output voltage stabilized at high efficiency can
be obtained. With 0.9V (±2.0%) of reference voltage supply internal, and using external resistors, RFB1 and 2, output
voltage can be set up freely within a range of 1.5V to 30V. For a current sense, with the use of RSENSE, ceramic capacitors
can be used as load capacitors and allows for lower output ripple and reduced PCB area requirements.
Control automatically switches from PWM to PFM during light loads with the XC9121 series and the XC9122 series can
switch the control from PWM to PFM using external signals depending on the circuit conditions..
During stand-by (when the CE pin is low), all circuits are shutdown to reduce current consumption to as low as 1.0μA or less.
The overcurrent limit circuit of this IC is designed to monitor the ripple voltage of the FB pin and operates the IC to stop when
the ripple voltage runs over 250mV. The IC resumes its operation with a toggle of the CE pin or by turning the power supply
back on.
■APPLICATIONS
●Power Supply for the LCDs.
●High Step-Up Ratio Equipment (OLED, etc.)
■TYPICAL APPLICATION CIRCUIT
■TYPICAL PERFORMANCE
CHARACTERISTICS
☆GO-Compatible
■FEATURES
Input Voltage Range
: 0.9V~6.0V
Operating Voltage Range
: 1.8V~6.0V
Output Voltage Range
: 1.5V~30V (externally set)
Reference voltage 0.9V (±2.0%)
Oscillation Frequency
: 100kHz (±15%)
Output Current
: ≥80mA (VIN=3.6V, VOUT=15V)*
Control
: XC9120 (PWM)
: XC9121 (PWM/PFM Automatic)
: XC9122 (PWM/PFM Externally)
High Efficiency
: 85% (TYP.)
: (VIN=3.6V, VOUT=15V,
IOUT=10mA)*
Stand-by Function
: ISTB=1.0
μA (MAX.)
Load Capacitors
: Low ESR capacitor compatible
Current Limiter
: Operates when ripple is 250mV
Maximum Duty Ratio
: 93% (TYP.) for High Step-up Ratio
Package
: SOT-25, USP-6C
* When using external components showing in the circuit below.
VOUT=15V
Nch Power
MOS FET
XP161A1355
RSENSE: 50mΩ
for Ceramic CL
SD:
XB01SB04A2
RFB1:
470kΩ
CFB: 33pF
CE
15
4
3
2
Ceramic CL:
10uF x 4
RFB2: 30kΩ
CIN
VIN=
2.7V~4.2V
L: 47uH
ETR0409 002


同様の部品番号 - XC9120

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CAR TOREX-XC9128B45CAR Datasheet
344Kb / 13P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CAR-G TOREX-XC9128B45CAR-G Datasheet
344Kb / 13P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CDR TOREX-XC9128B45CDR Datasheet
344Kb / 13P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128B45CDR-G TOREX-XC9128B45CDR-G Datasheet
344Kb / 13P
1A Driver Transistor Built-In, Step-Up DC/DC Converters
More results

同様の説明 - XC9120

メーカー部品番号データシート部品情報
logo
RICOH electronics devic...
R1211X RICOH-R1211X Datasheet
375Kb / 33P
Step-up DC/DC Controller
Rev. 1.10
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
Step-up DC-DC converter IC
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
STEP-UP DC/DC CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
Step-up DC/DC Controller
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
Step-up DC-DC Controller IC
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
Step-up DC/DC Converter IC
logo
Mitsumi Electronics, Co...
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
Step-up DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com