| データシートサーチシステム |
|
TLV1544CPWR データシート(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV1544CPWR データシート(HTML) 16 Page - Texas Instruments |
|
16 / 38 page ![]() TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics over recommended operating free-air temperature range, VCC = Vref+ = 2.7 V to 5.5 V, I/O CLK frequency = 2.2 MHz (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT EL Linearity error (see Note 6) ±0.5 ±1 LSB ED Differential linearity error See Note 2 ±0.5 ±1 LSB EO Offset error (see Note 7) See Note 2 ±1.5 LSB EG Gain error (see Note 7) See Note 2 ±1 LSB ET Total unadjusted error (see Note 8) ±1.75 LSB DATA IN = 1011 512 Self-test output code (see Table 3 and Note 9) DATA IN - 1100 0 DATA IN = 1101 1023 t Conversion time Fast conversion speed See Figures 15 7 10 µs tconv Conversion time Slow conversion speed g through 17 15 25 µs t Total cycle time (access, sample conversion and EOC ↑ Fast conversion speed See Figures 15 through 18 and Notes 10, 11, 12 10.1 + 10 I/O CLK µs tc sample, conversion and EOC ↑ to CS ↓ delay) Slow conversion speed See Figures 15 through 18 and Notes 10 and 12 40.1 + 10 I/O CLK µs tacq Channel acquisition time (sample) See Figures 15 through 18 and Note 10 6 I/O CLK periods tv Valid time, DATA OUT remains valid after I/O CLK ↓ See Figure 11 50 ns td1(FS) Delay time, I/O CLK high to FS high See Figure 13 5 30 50 ns td2(FS) Delay time, I/O CLK high to FS low See Figure 13 10 30 60 ns td(EOC ↑ – CS↓) Delay time, EOC↑ to CS low See Figure 14 and Note 5 100 ns td(CS ↓ – FS↑) Delay time, CS ↓ to FS↑ See Figures 17 and 18 1 7 I/O CLK periods td(I/O -CS) Delay time, 10th I/O CLK low to CS low to abort conversion (see Note 13) See Figure 10 1.1 µs † All typical values are at TA = 25°C. NOTES: 2. Analog input voltages greater than that applied to REF + convert as all ones (111111111111), while input voltages less than that applied to REF – convert as all zeros (000000000000). The device is functional with reference down to 1 V (Vref+ – Vref – 1); however, the electrical specifications are no longer applicable. 5. For all operating modes. 6. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics. 7. Zero error is the difference between 0000000000 and the converted output for zero input voltage. Full-scale error is the difference between 1111111111 and the converted output for full-scale input voltage. 8. Total unadjusted error comprises linearity, zero-scale, and full-scale errors. 9. Both the input data and the output codes are expressed in positive logic. 10. I/O CLK period = 1 /(I/O CLK frequency) (see Figure 8). 11. For 3.3 V to 5.5 V only 12. For microprocessor mode 13. Any transitions of CS are recognized as valid only when the level is maintained for a setup time after the transition. |