| データシートサーチシステム |
|
TLV1544CPWR データシート(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV1544CPWR データシート(HTML) 17 Page - Texas Instruments |
|
17 / 38 page ![]() TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics over recommended operating free-air temperature range, VCC = Vref+ = 2.7 V to 5.5 V, I/O CLK frequency = 2.2 MHz (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT td(I/O-DATA) Delay time, I/O CLK low to DATA OUT valid See Figure 11 50 ns td(I/O-EOC) Delay time, 10th I/O CLK ↓ to EOC low See Figure 12 70 240 ns tPZH, tPZL Enable time, CS low to DATA OUT valid (MSB driven) See Figure 8 0.7 1.3 µs tPHZ, tPLZ Disable time, CS high to DATA OUT invalid (high impedance) See Figure 8 70 150 ns tf(EOC) Fall time, EOC See Figure 12 15 50 ns tr(bus) Rise time, output data bus at 2.2 MHz I/O CLK See Figure 11 50 250 ns tf(bus) Fall time, output data bus at 2.2 MHz I/O CLK See Figure 11 50 250 ns † All typical values are at TA = 25°C. PARAMETER MEASUREMENT INFORMATION _ + C2 0.1 µF C1 10 µF 15 V – 15 V VI Ax TLV1544/48 U1 C1 10 µF C2 0.1 µF LOCATION U1 C1 C2 DESCRIPTION OP27 10- µF 35-V tantalum capacitor 0.1- µF ceramic NPO SMD capacitor PART NUMBER — — AVX 12105C104KA105 or equivalent EOC D0 Figure 6. Analog Input Buffer to Analog Inputs EOC CL = 50 pF 12 k Ω DATA OUT Test Point VCC RL = 2.18 kΩ CL = 100 pF 12 k Ω Test Point VCC RL = 2.18 kΩ Figure 7. Load Circuits |