| データシートサーチシステム |
|
UCC24612-2DBVT データシート(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCC24612-2DBVT データシート(HTML) 31 Page - Texas Instruments |
|
31 / 38 page ![]() UCC24612 CVDD CREG RG SR MOSFET SR Source SR Drain 31 UCC24612 www.ti.com SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Copyright © 2017–2018, Texas Instruments Incorporated 10 PCB Layout 10.1 Layout Guidelines The printed circuit board (PCB) requires careful layout to minimize current loop areas and track lengths, especially when using single-sided PCBs. • Place a ceramic MLCC bypass capacitor as close as possible between VDD and VS, and between REG and VS. • Avoid connecting VD and VS sense points at locations where stray inductance is added to the SR MOSFET package inductance, as this will tend to turn off the SR prematurely. • Run a track from the VD pin directly to the MOSFET drain pad to avoid sensing voltage across the stray inductance in the SR drain current path. • Run a track from the VS pin directly to the MOSFET source pad to avoid sensing voltage across the stray inductance in the SR source current path. Because this trace shares both the gate driver path and the MOSFET voltage sensing path, it is recommended to make this trace as short as possible. • Run parallel tracks from VG and VS to the SR MOSFET. Include a series gate resistor between VG and SR MOSFET gate pin to dampen ringing if it is needed. 10.2 Layout Example Figure 35. PCB Layout for Driving an SR with SO-8 Package |