| データシートサーチシステム |
|
ISO7421 データシート(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7421 データシート(HTML) 5 Page - Texas Instruments |
|
5 / 30 page ![]() ISO7420, ISO7420M, ISO7421 www.ti.com SLLS984I – JUNE 2009 – REVISED JULY 2015 • Added Note (2) in the Function Table .................................................................................................................................. 17 • Changed Figure 11 ............................................................................................................................................................... 17 Changes from Revision A (December 2009) to Revision B Page • Switching Characteristics Table, Added Note (2) - Typical specifications are measured at ideal conditions of 25°C. Max or Min specifications are measured at worst case conditions for VCC and temperature. ............................................... 8 Changes from Original (June 2009) to Revision A Page • Added devices ISO7420 and ISO7420M to the data sheet ................................................................................................... 1 • Added the ICC equations section........................................................................................................................................... 16 Copyright © 2009–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: ISO7420 ISO7420M ISO7421 |