| データシートサーチシステム |
|
E32-R16 データシート(PDF) 44 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 データシート(HTML) 44 Page - Omron Electronics LLC |
|
44 / 64 page ![]() E3X E3X 1 Dimensions Fiber Units Through-beam (Sold in Pairs) E32-T11L E32-T12L E32-T21L E32-T22L E32-TC200 E32-TC200B E32-TC200B4 E32-T22 3.2 7 1.0 dia. M2.6 x 0.45 Two toothed washers Two hexagon clamping nuts Sensing head M4 x 0.7 (nickel-plated brass) Optical fiber, 2.2 dia. 2.4 3 2,000 3.2 7 1.0 dia. Stainless tube (SUS304) Two hexagon clamping nuts Two toothed washers Sensing head M4 x 0.7 (nickel-plated brass) Optical fiber, 2.2 dia. 2.4 11 1.2 dia max. E32-TC200E Two toothed washers (for M4) Two hexagon clamping nuts (T = 2.4) Sensing head (nickel- plated brass) M4x0.7 3.2 7 3 (14) M2.6 x 0.45 1.4 dia. Optical fiber, 2.2 dia. 1.4 dia. 2.4 dia. Sensing head (nickel-plated brass) 3 dia. Optical fiber, 2.2 dia. 3 11 (14) 1.0 dia. 5.5 2.6 dia. Two toothed washers Two hexagon clamping nuts Sensing head M3 x 0.5 (nickel-plated brass) Optical fiber, 2.2 dia. 3 dia. 4 1 7 1.8 (1.5) E32-TC200F E32-TC200F4 E32-TC200A E32-T11 Sixteen, 0.265 dia. M2.6 x 0.45 Sensing head (nickel- plated brass) M4 x 0.7 Two toothed washers Two hexagon clamping nuts Protective tube Optical fiber, 2.2 dia. 3.3 2.4 (14) 2,000 3.2 7 90 (40) (see note) Two toothed washers 0.9 dia. 2.5 Sensing head M3 x 0.5 (nickel-plated brass) Fiber attachment (E39-F9) Two hexagon clamping nuts Optical fiber, 1 dia. 0.9 dia. 1.8 dia. Sensing head, 2 dia. (stainless) Heat-shrinkable tubing Optical fiber, 1 dia. Fiber attachment (E39-F9) 10 1.8 11 (1.7) 5.5 25 10 12 22 17 (2) 0.5 dia. 2 dia. Sensing head SUS303 Heat-shrinkable tubing 1.4 dia. Optical fiber, 1 dia. Fiber attachment (E39-F9) 25 12 17 0.5 dia. 10 11 5.5 1.8 2.5 Optical fiber, 1 dia. Sensing head M3 x 0.5 (nickel-plated brass) Fiber attachment (E39-F9) Two toothed washers Two hexagon clamping nuts 2.5 5.5 11 25 0.5 dia. 1.8 0.9 dia. min. Stainless tube (SUS304) Optical fiber, 1 dia. Sensing head M3 x 0.5 (nickel-plated brass) Two toothed washers Two hexagon clamping nuts Fiber attachment (E39-F9) 90 (40) (see note) Note: The value in the parentheses is for the E32-TC200F4. Note: The value in the parentheses is for the E32-TC200B4. 11 25 14 2,000 25 2,000 22 10 2,000 2,000 10 2,000 15 2,000 2,000 2,000 2,000 44 |