| データシートサーチシステム |
|
E32-R16 データシート(PDF) 51 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 データシート(HTML) 51 Page - Omron Electronics LLC |
|
51 / 64 page ![]() E3X E3X 8 E32-L25 E32-L25A Note: The fiber for the light source is identified by a white line. 5 6.5 4.8 10 4 White line Optical fiber, two, 2.2 dia. Two, 3.2 dia., 6 dia. spot facing 5 20 20 4 4.8 6.5 6.5 Two, 3.2 dia., 6 dia. spot facing White line Optical fiber, two, 2.2 dia. 6.5 Sensing head (ABS) E32-L25L 4 18 6 6.5 Sensing head (PC) Two, 3.2 dia, 6 dia. counter sinking Two, 1 dia. optical fibers Two fiber attachment (E39-F9) 25 4 3.6 3.3 1.5 3.3 Optical axis 4 6 6.5 18 Sensing head (PC) Two, 3.2 dia, 6 dia. counter sinking Side view prism (PC) Two, 1 dia. optical fibers Two fiber attachment (E39-F9) 10 E32-L24L 20 20 2,000 2,000 10 16 2,000 10 20 2,000 25 51 |