| データシートサーチシステム |
|
LM3444MA/NOPB.B データシート(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3444MA/NOPB.B データシート(HTML) 14 Page - Texas Instruments |
|
14 / 38 page ![]() D tON fSW = , and 1 - D tOFF fSW = 1 tOFF + tON fSW = D = tON tON + tOFF = VLED VBUCK '¶ = tOFF tON + tOFF tOFF = C11 x 1.276V x R4 VLED dv i = C dt = D 1 K VLED VBUCK u = D = tON tON + tOFF = tON x fSW VLED VBUCK LM3444 SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015 www.ti.com 8 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 8.1 Application Information 8.1.1 Determining Duty-Cycle (D) Equation 4 shows the duty-cycle (D). (4) Equation 5 shows the duty-cycle with efficiency considered. (5) For simplicity, choose efficiency from 75% to 85%. 8.1.2 Calculating Off-Time The off-time of the LM3444 is set by the user and remains fairly constant as long as the voltage of the LED stack remains constant. Calculating the off-time is the first step in determining the switching frequency of the converter, which is integral in determining some external component values. PNP transistor Q3, resistor R4, and the LED string voltage define a charging current into capacitor C11. A constant current into a capacitor creates a linear charging characteristic. (6) Resistor R4, capacitor C11 and the current through resistor R4 (iCOLL), which is approximately equal to VLED/R4, are all fixed. Therefore, dv is fixed and linear, and dt (tOFF) can now be calculated as shown in Equation 7. (7) Common equations for determining duty-cycle and switching frequency in any buck converter are shown in Equation 8. (8) Therefore, Equation 9 shows: (9) 14 Submit Documentation Feedback Copyright © 2010–2015, Texas Instruments Incorporated Product Folder Links: LM3444 |