| データシートサーチシステム |
|
LM3444MA/NOPB.B データシート(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3444MA/NOPB.B データシート(HTML) 24 Page - Texas Instruments |
|
24 / 38 page ![]() LM3444 SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015 www.ti.com Typical Application (continued) Table 1. Bill of Materials (continued) MANUFACTURER PART QTY DESIGNATOR DESCRIPTION MANUFACTURER NUMBER 1 C11 Cap, C0G, 0603, 100 V, 5%, 120 pF Murata GRM1885C2A121JA01D 1 D1 Diode, ZNR, SOT23, 15 V, 5% OnSemi BZX84C15LT1G 2 D2, D13 Diode, SCH, SOD123, 40 V, 120 mA NXP BAS40H 4 D3, D4, D8, D9 Diode, FR, SOD123, 200 V, 1 A Rohm RF071M2S 1 D10 Diode, FR, SMB, 400 V, 1 A OnSemi MURS140T3G 1 D12 TVS, VBR = 144 V Fairchild SMBJ130CA 1 R2 Resistor, 1206, 1%, 100 k Ω Panasonic ERJ-8ENF1003V 1 R3 Resistor, 1210, 5%, 1.8 Ω Panasonic ERJ-14RQJ1R8U 1 R4 Resistor, 0603, 1%, 576 k Ω Panasonic ERJ-3EKF5763V 2 R6, R7 Resistor, 0805, 1%, 1 M Ω Rohm MCR10EZHF1004 2 R8, R10 Resistor, 1206, 0 Ω Yageo RC1206JR-070RL 1 RT1 Thermistor, 120 V, 1.1 A, 50 Ω at 25°C Thermometrics CL-140 2 Q1, Q2 XSTR, NFET, DPAK, 300 V, 4 A Fairchild FQD7N30TF 1 Q3 XSTR, PNP, SOT23, 300 V, 500 mA Fairchild MMBTA92 1 J1 Terminal Block 2 pos Phoenix Contact 1715721 1 F1 Fuse, 125 V, 1.25 A bel SSQ 1.25 24 Submit Documentation Feedback Copyright © 2010–2015, Texas Instruments Incorporated Product Folder Links: LM3444 |