データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP5523TMX/NOPB データシート(PDF) 28 Page - Texas Instruments

部品番号 LP5523TMX/NOPB
部品情報  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB データシート(HTML) 28 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 28Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 29Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 30Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 31Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
28
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Control Register Map (continued)
HEX
ADDRESS
REGISTER NAME
BIT(s)
READ/
WRITE
DEFAULT VALUE
AFTER RESET
BIT MNEMONIC AND DESCRIPTION
71
ENG1 MAPPING LSB
[7]
R
0xxxxxxx
D8
Engine 1 mapping information, D8 output
[6]
R
x0xxxxxx
D7
Engine 1 mapping information, D7 output
[5]
R
xx0xxxxx
D6
Engine 1 mapping information, D6 output
[4]
R
xxx0xxxx
D5
Engine 1 mapping information, D5 output
[3]
R
xxxx0xxx
D4
Engine 1 mapping information, D4 output
[2]
R
xxxxx0xx
D3
Engine 1 mapping information, D3 output
[1]
R
xxxxxx0x
D2
Engine 1 mapping information, D2 output
[0]
R
xxxxxxx0
D1
Engine 1 mapping information, D1 output
72
ENG2 MAPPING MSB
[0]
R
xxxxxxx0
D9
Engine 2 mapping information, D9 output
73
ENG2 MAPPING LSB
[7]
R
0xxxxxxx
D8
Engine 2 mapping information, D8 output
[6]
R
x0xxxxxx
D7
Engine 2 mapping information, D7 output
[5]
R
xx0xxxxx
D6
Engine 2 mapping information, D6 output
[4]
R
xxx0xxxx
D5
Engine 2 mapping information, D5 output
[3]
R
xxxx0xxx
D4
Engine 2 mapping information, D4 output
[2]
R
xxxxx0xx
D3
Engine 2 mapping information, D3 output
[1]
R
xxxxxx0x
D2
Engine 2 mapping information, D2 output
[0]
R
xxxxxxx0
D1
Engine 2 mapping information, D1 output
74
ENG3 MAPPING MSB
[0]
R
xxxxxxx0
D9
Engine 3 mapping information, D9 output
75
ENG3 MAPPING LSB
[7]
R
0xxxxxxx
D8
Engine 3 mapping information, D8 output
[6]
R
x0xxxxxx
D7
Engine 3 mapping information, D7 output
[5]
R
xx0xxxxx
D6
Engine 3 mapping information, D6 output
[4]
R
xxx0xxxx
D5
Engine 3 mapping information, D5 output
[3]
R
xxxx0xxx
D4
Engine 3 mapping information, D4 output
[2]
R
xxxxx0xx
D3
Engine 3 mapping information, D3 output
[1]
R
xxxxxx0x
D2
Engine 3 mapping information, D2 output
[0]
R
xxxxxxx0
D1
Engine 3 mapping information, D1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61