| データシートサーチシステム |
|
LP5523TMX/NOPB データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5523TMX/NOPB データシート(HTML) 7 Page - Texas Instruments |
|
7 / 61 page ![]() 7 LP5523 www.ti.com SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017 Product Folder Links: LP5523 Submit Documentation Feedback Copyright © 2009–2017, Texas Instruments Incorporated (1) The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured. (2) All voltages are with respect to the potential at the GND pin. (3) Minimum and maximum limits are ensured by design, test, or statistical analysis. (4) Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics. (5) The I2C host must allow at least 500 µs before sending data to the LP5523 after the rising edge of the enable line. 6.9 Logic Interface Characteristics Unless otherwise noted: typical limits are for TA = 25°C; minimum and maximum limits apply over the operating ambient temperature range ( −30°C < TA < +85°C).See (1) (2) (3) (4) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT LOGIC INPUT EN VIL Input low level 0.5 V VIH Input high level 1.2 V II Input current −1 1 µA tDELAY Input delay(5) 2 µs LOGIC INPUT SCL, SDA, TRIG, CLK, ASEL0, ASEL1 VIL Input low level 0.2 × VEN V VIH Input high level 0.8 × VEN V II Input current −1 1 µA LOGIC OUTPUT SDA, TRIG, INT VOL Output low level IOUT = 3 mA (pullup current) 0.3 0.5 V IL Output leakage current VOUT = 2.8 V 1 µA LOGIC OUTPUT GPO VOL Output low level IOUT = 3 mA 0.3 0.5 V VOH Output high level IOUT = −2 mA VDD − 0.5 VDD − 0.3 IL Output leakage current VOUT = 2.8 V 1 µA (1) The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured. (2) All voltages are with respect to the potential at the GND pin. (3) Minimum and maximum limits are ensured by design, test, or statistical analysis. (4) Specification is ensured by design and is not tested in production. VEN = 1.65 V to VDD. (5) The ideal external clock signal for the LP5523 is a 0 V to VEN 25% to 75% duty-cycle square wave. At frequencies above 32.7 kHz, program execution is faster, and at frequencies below 32.7 kHz program execution is slower. 6.10 Recommended External Clock Source Conditions Unless otherwise noted limits apply for TA = 25°C. See (1) (2) (3) (4) (5) MIN NOM MAX UNIT LOGIC INPUT CLK ƒCLK Clock frequency 32.7 kHz tCLKH High time 6 µs tCLKL Low time 6 µs tr Clock rise time, 10% to 90% 2 µs tf Clock fall time, 90% to 10% 2 µs |