データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1009CPWR データシート(PDF) 3 Page - Texas Instruments

部品番号 LT1009CPWR
部品情報  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LT1009CPWR データシート(HTML) 3 Page - Texas Instruments

  LT1009CPWR Datasheet HTML 1Page - Texas Instruments LT1009CPWR Datasheet HTML 2Page - Texas Instruments LT1009CPWR Datasheet HTML 3Page - Texas Instruments LT1009CPWR Datasheet HTML 4Page - Texas Instruments LT1009CPWR Datasheet HTML 5Page - Texas Instruments LT1009CPWR Datasheet HTML 6Page - Texas Instruments LT1009CPWR Datasheet HTML 7Page - Texas Instruments LT1009CPWR Datasheet HTML 8Page - Texas Instruments LT1009CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
LT1009
www.ti.com................................................................................................................................................................. SLVS013N – MAY 1987 – REVISED MAY 2009
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IR
Reverse current
20
mA
IF
Forward current
10
mA
D package
97
θ
JA
Package thermal impedance(2)(3)
LP package
140
°C/W
PW package
149
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
LT1009C
0
70
TA
Operating free-air temperature range
°C
LT1009I
–40
85
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): LT1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com