データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1009CPWR データシート(PDF) 5 Page - Texas Instruments

部品番号 LT1009CPWR
部品情報  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

LT1009CPWR データシート(HTML) 5 Page - Texas Instruments

  LT1009CPWR Datasheet HTML 1Page - Texas Instruments LT1009CPWR Datasheet HTML 2Page - Texas Instruments LT1009CPWR Datasheet HTML 3Page - Texas Instruments LT1009CPWR Datasheet HTML 4Page - Texas Instruments LT1009CPWR Datasheet HTML 5Page - Texas Instruments LT1009CPWR Datasheet HTML 6Page - Texas Instruments LT1009CPWR Datasheet HTML 7Page - Texas Instruments LT1009CPWR Datasheet HTML 8Page - Texas Instruments LT1009CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TYPICAL CHARACTERISTICS
2.5
2.49
2.48
2.47
−50
−25
0
25
50
75
2.51
2.52
2.53
100
125
TA − Free-Air Temperature − °C
Iz = 1 mA
3
2
1
0
0
4
8
12
16
20
4
5
IZ − Reference Current − mA
0.6
0.4
0.2
0
0.001
0.01
0.1
1
10
0.8
1
IF − Forward Current − mA
1.2
TJ = 25°C
0.6
1
1.4
1.8
2.2
2.6
VR − Reverse Voltage − V
10−1
TJ = 25°C
TJ = −55°C
TJ = 125°C
10−2
10−3
10−4
10−5
LT1009
www.ti.com................................................................................................................................................................. SLVS013N – MAY 1987 – REVISED MAY 2009
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of
the various devices.
REFERENCE VOLTAGE
CHANGE IN REFERENCE VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
REFERENCE CURRENT
Figure 1.
Figure 2.
REVERSE CURRENT
FORWARD VOLTAGE
vs
vs
REVERSE VOLTAGE
FORWARD CURRENT
Figure 3.
Figure 4.
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): LT1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com