| データシートサーチシステム |
|
TMS320VC33 データシート(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 データシート(HTML) 11 Page - Texas Instruments |
|
11 / 53 page ![]() SM320VC33, SMJ320VC33 www.ti.com SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015 6.9 Timing Requirements for XF0 and XF1 when Executing SIGI see Figure 10 MIN MAX UNIT tsu(XF1-H1L) Setup time, XF1 before H1 low 4(1) ns th(H1L-XF1) Hold time, XF1 after H1 low 0(1) (1) Not production tested 6.10 Timing Requirements for Changing XFx from Output to Input Mode see Figure 12 MIN MAX UNIT tsu(XF-H1L) Setup time, XFx before H1 low 4 ns th(H1L-XF) Hold time, XFx after H1 low 0 6.11 Timing Requirements for RESET MIN MAX UNIT tsu(RESET-EXTCLKL) Setup time, RESET before EXTCLK low 5(1) P – 7(1)(2) ns tsu(RESETH-H1L) Setup time, RESET high before H1 low and after ten H1 clock cycles 5 (1) Not production tested (2) P = tc(EXTCLK) 6.12 Timing Requirements for INT3 to INT0 Response see Figure 15 MIN NOM MAX UNIT tsu(INT-H1L) Setup time, INT3 to INT0 before H1 low 4(1) ns th(H1L-INT) Hold time, INT3 to INT0 after H1 low 0 tw(INT) Pulse duration, interrupt to ensure only one interrupt P + 5(1)(2) 1.5P 2P - 5(1)(2) (1) Not production tested (2) P = tc(H) Copyright © 2001–2015, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: SM320VC33 SMJ320VC33 |