| データシートサーチシステム |
|
TMS320VC33 データシート(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 データシート(HTML) 12 Page - Texas Instruments |
|
12 / 53 page ![]() SM320VC33, SMJ320VC33 SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015 www.ti.com 6.13 Timing Requirements for Serial Port see Figure 34 and Figure 35 MIN MAX UNIT tc(SCK) Cycle time, CLKX/R CLKX/R ext tc(H) x 2.6 (1) ns CLKX/R int tc(H) x 4 (1) (2) tc(H) × 216 (1) tw(SCK) Pulse duration, CLKX/R high/low CLKX/R ext tc(H) + 5 CLKX/R int [tc(SCK) / 2] - 4 (1) [tc(SCK) / 2] + 4(1) tr(SCK) Rise time, CLKX/R 3(1) tf(SCK) Fall time, CLKX/R 3(1) tsu(DR-CLKRL) Setup time, DR before CLKR low CLKR ext 4(1) CLKR int 5(1) th(CLKRL-DR) Hold time, DR after CLKR low CLKR ext 3(1) CLKR int 0(1) tsu(FSR-CLKRL) Setup time, FSR before CLKR low CLKR ext 4(1) CLKR int 5(1) th(SCKL-FS) Hold time, FSX/R input after CLKX/R low CLKX/R ext 3(1) CLKX/R int 0(1) tsu(FSX-CLKX) Setup time, external FSX before CLKX CLKX ext –[tc(H) – 6] (1) [tc(SCK) / 2] - 6 CLKX int –[tc(H) - 10] (1) tc(SCK) / 2 (1) (1) Not production tested (2) A cycle time of tc(H) × 2 is possible when the device is operated at lower CPU frequencies. See the TMS320VC33 Silicon Update (SPRZ176) for further details. 12 Submit Documentation Feedback Copyright © 2001–2015, Texas Instruments Incorporated Product Folder Links: SM320VC33 SMJ320VC33 |