| データシートサーチシステム |
|
PYF14ESSB データシート(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB データシート(HTML) 13 Page - Omron Electronics LLC |
|
13 / 31 page ![]() 13 Products Related to Common Sockets and DIN Tracks PYF (Unit: mm) Dimensions Terminal Arrangement/Internal Connections Mounting Hole Dimensions --- 6 4 35.4 3.4 16.5 23 max. 30 max. 72 max. 6+0.2 −0.1 8-M3×8 Two, 4.2 × 5 mounting holes 3.4 35.4 6 4 16.5 31 max. 23 max. 4 72 max. 8-M3×8 Two, 4.2 × 5 mounting holes 6+0.2 −0.1 PYF08A PYF08A-E (Finger Protection Structure) 4 1 5 9 12 14 13 8 (Top View) Two M3 or M4 or 4.5-dia. holes 59±0.3 15±0.2 Note: Track mounting is also possible. Refer to page 27. (Top View) 7±0.2 3 dia. 18 max. 44.5 max. 3.5-dia. mounting holes 6.5-dia. countersinking, depth: 11.5 33.5 max. 1.5 8-M3.5×7.5 PYF08M (Top View) 1 5 9 13 8 12 14 4 20±0.1 3.5-dia. hole 3.5-dia. or M3 hole 32.6 27.6 22.6 (5.3) (3.4) (5) 28.6 32.6 35.4 24.5 36.5 max. 38.2 max. 23.2 max. 85 max. PYF08S (Screwless Model) 9 5 1 13 12 8 4 14 (41) (11) (44) (42) (A2) (A1) (12) (14) (Top View) Note: Figures in parentheses indicate DIN standard numbers. 29.5 max. Two, 4.2 × 5 mounting holes 11-M3×8 3.4 35.4 4 6 16.5 30 max. 72 max. 6+0.2 −0.1 PYF11A 1 4 5 6 2 3 7 8 9 11 10 (Top View) 22±0.2 59±0.3 Two M3 or M4 or 4.5-dia. holes Note: Track mounting is also possible. Refer to page 27. (Top View) |