| データシートサーチシステム |
|
PYF14ESSB データシート(PDF) 14 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB データシート(HTML) 14 Page - Omron Electronics LLC |
|
14 / 31 page ![]() Products Related to Common Sockets and DIN Tracks 14 PYF (Unit: mm) Note: Refer to pages 28 and 30 for the features of Screwless Sockets and for precautions for correct use. Dimensions Terminal Arrangement/Internal Connections Mounting Hole Dimensions --- 29.5 max. Two, 4.2 × 5 mounting holes 14-M3×8 3.4 35.4 4 6 16.5 30 max. 72 max. 6+0.2 −0.1 29.5 max. Two, 4.2-dia × 5 mounting holes 14-M3×8 3.4 35.4 4 6 16.5 31 max. 72 max. 4 6+0.2 −0.1 PYF14A PYF14A-E (Finger Protection Structure) 1 5 9 10 12 11 14 4 13 6 8 7 2 3 (Top View) 22±0.2 59±0.3 Two M3 or M4 or 4.5-dia. holes Note: Track mounting is also possible. Refer to page 27. (Top View) 7±0.2 11 11.5 23.5 35.5 17.8 10 30 33 max. Two, 4.2-dia × 5 mounting holes 14-M3.5×8 70 max. 17.4 4 PYF14T 24.5 59 2-M4 Note: Track mounting is also possible. Refer to page 27. (Top View) 36.5 max. (4.15) (3.4) 85 max. 31 max. 22.6 27.6 32.6 24.55 35.4 28.6 32.6 PYF14S (Screwless Model) 5 6 7 8 9 10 11 12 1 2 3 4 13 14 (41) (31) (21) (11) (44) (34) (24) (14) (42) (32) (A2) (A1) (22) (12) (Top View) Note: Figures in parentheses indicate DIN standard numbers. |