データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SP0115T2A0-17 データシート(PDF) 5 Page - Power Integrations, Inc.

部品番号 2SP0115T2A0-17
部品情報  ompact, high-performance, plug-and-play dual-channel IGBT driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SP0115T2A0-17 データシート(HTML) 5 Page - Power Integrations, Inc.

  2SP0115T2A0-17 Datasheet HTML 1Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 2Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 3Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 4Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 5Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 6Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 7Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 8Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SCALE™-2 2SP0115T2A0-17
Data Sheet
www.power.com/gate-driver
Page 5
Footnotes to the Key Data
1)
The gate current is limited by the gate resistors located on the driver.
2)
If the specified value is exceeded, this indicates a driver overload. It should be noted that the driver is
not protected against overload.
3)
If the specified value is exceeded, this indicates a driver overload. It should be noted that the driver is
not protected against overload. From 70°C to 85°C, the maximum permissible output power can be
linearly interpolated from the given data.
4)
This limit is due to active clamping. Refer to the “Description & Application Manual for 2SP0115T
SCALE-2 IGBT Drivers”.
5)
Undervoltage monitoring of the primary-side supply voltage (VCC to GND). If the voltage drops below
this limit, a fault is transmitted to the corresponding outputs and the IGBTs are switched off.
6)
Undervoltage monitoring of the secondary-side supply voltage (Visox to Veex and Veex to COMx
which correspond with the approximate turn-on and turn-off gate-emitter voltages). If the
corresponding voltage drops below this limit, the IGBT is switched off and a fault is transmitted to the
corresponding output.
7)
The input impedance can be modified to values <18 kΩ (customer-specific solution).
8)
Turn-on and turn-off threshold values can be increased (customer-specific solution).
9)
The resulting pulse width of the direct output of the gate drive unit for short-circuit type I (excluding
the delay of the gate resistors) is the sum of response time plus delay to IGBT turn-off.
10)
The turn-off event of the IGBT is delayed by the specified time after the response time.
11)
Factory set value. The blocking time can be reduced with an external resistor. Refer to the
“Description & Application Manual for 2SP0115T SCALE-2 IGBT Drivers”.
12)
Measured from the transition of the turn-on or turn-off command at the driver input to direct output
of the gate drive unit (excluding the delay of the gate resistors).
13)
Output rise and fall times are measured between 10% and 90% of the nominal output swing with an
output load of 10Ω and 40nF. The values are given for the driver side of the gate resistors. The time
constant of the output load in conjunction with the present gate resistors leads to an additional delay
at the load side of the gate resistors.
14)
Transmission delay of the fault state from the secondary side to the primary status outputs.
15)
The gate resistors are not assembled on this IGBT gate driver. They must be assembled by the user
according to the paragraph on “Gate Resistor Assembly”.
16)
HiPot testing (= dielectric testing) must generally be restricted to suitable components. This gate
driver is suited for HiPot testing. Nevertheless, it is strongly recommended to limit the testing time to
1s slots as stipulated by EN 50178. Excessive HiPot testing at voltages much higher than 1200VAC(eff)
may lead to insulation degradation. No degradation has been observed over 1min. testing at
5000VAC(eff). The transformer of every production sample shipped to customers has undergone 100%
testing at the given value for 1s.
17)
Partial discharge measurement is performed in accordance with IEC 60270 and isolation coordination
specified in EN 50178. The partial discharge extinction voltage between primary and either secondary
side is coordinated for safe isolation to EN 50178.
18)
Jitter measurements are performed with input signals INx switching between 0V and 15V referred to
GND, with a corresponding rise time and fall time of 8ns.
19)
A version with extended operating temperature range of –40°C…85°C (2SP0115T2B0) can also be
supplied.
20)
The maximum switching frequency is not defined, as it depends on the IGBT module used. Please
consult the corresponding driver data sheet for more information.
21)
Note that the dead time may vary from sample to sample. A tolerance of approximately ±20% may be
expected. If higher timing precisions are required, Power Integrations recommends using direct mode
and generating the dead time externally.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com