データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SP0115T2A0-17 データシート(PDF) 7 Page - Power Integrations, Inc.

部品番号 2SP0115T2A0-17
部品情報  ompact, high-performance, plug-and-play dual-channel IGBT driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SP0115T2A0-17 データシート(HTML) 7 Page - Power Integrations, Inc.

  2SP0115T2A0-17 Datasheet HTML 1Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 2Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 3Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 4Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 5Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 6Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 7Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 8Page - Power Integrations, Inc. 2SP0115T2A0-17 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SCALE™-2 2SP0115T2A0-17
Data Sheet
www.power.com/gate-driver
Page 7
Assembly Drawing
Fig. 1: Assembly drawing of 2SP0115T with highlighted gate resistors
Note that the wires of the gate resistors should not project more than 1.6mm after soldering (excess length at
bottom side). Furthermore, a minimum distance of 1mm must be maintained between the gate resistor body
and the PCB.
Legal Disclaimer
The statements, technical information and recommendations contained herein are believed to be accurate as
of the date hereof. All parameters, numbers, values and other technical data included in the technical
information were calculated and determined to our best knowledge in accordance with the relevant technical
norms (if any). They may base on assumptions or operational conditions that do not necessarily apply in
general. We exclude any representation or warranty, express or implied, in relation to the accuracy or
completeness of the statements, technical information and recommendations contained herein. No
responsibility is accepted for the accuracy or sufficiency of any of the statements, technical information,
recommendations or opinions communicated and any liability for any direct, indirect or consequential loss or
damage suffered by any person arising therefrom is expressly disclaimed.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com