データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SP0115T2A0-CM450DX-24S データシート(PDF) 7 Page - Power Integrations, Inc.

部品番号 2SP0115T2A0-CM450DX-24S
部品情報  Compact, high-performance, plug-and-play dual-channel IGBT driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SP0115T2A0-CM450DX-24S データシート(HTML) 7 Page - Power Integrations, Inc.

  2SP0115T2A0-CM450DX-24S Datasheet HTML 1Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 2Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 3Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 4Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 5Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 6Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 7Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SCALE™-2 2SP0115T2A0(C)-CM450DX-24S
Data Sheet
www.power.com/gate-driver
Page 7
Ordering Information
Our international terms and conditions of sale apply.
Power Integrations Driver Type #
Related IGBT
2SP0115T2A0-CM450DX-24S (Temperature range –20°C…85°C)
CM450DX-24S
2SP0115T2A0C-CM450DX-24S (Temperature range –20°C…85°C,
CM450DX-24S
conformal coating)
Product home page: www.power.com/gate-driver/go/2SP0115T
Refer to www.power.com/gate-driver/go/nomenclature for information on driver nomenclature
Information about Other Products
For other drivers, evaluation systems product documentation and application support
Please click: www.power.com
© 2009…2019 Power Integrations Switzerland GmbH.
All rights reserved.
We reserve the right to make any technical modifications without prior notice.
Version 2.0 from 2019-04-03



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com