データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SP0115T2A0-CM450DX-24S データシート(PDF) 1 Page - Power Integrations, Inc.

部品番号 2SP0115T2A0-CM450DX-24S
部品情報  Compact, high-performance, plug-and-play dual-channel IGBT driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

2SP0115T2A0-CM450DX-24S データシート(HTML) 1 Page - Power Integrations, Inc.

  2SP0115T2A0-CM450DX-24S Datasheet HTML 1Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 2Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 3Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 4Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 5Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 6Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 7Page - Power Integrations, Inc. 2SP0115T2A0-CM450DX-24S Datasheet HTML 8Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCALE™-2 2SP0115T2A0(C)-CM450DX-24S
www.power.com/gate-driver
Page 1
2SP0115T2A0-CM450DX-24S and
2SP0115T2A0C-CM450DX-24S
Data Sheet
Compact, high-performance, plug-and-play dual-channel IGBT driver based on
SCALE™-2 technology for individual and parallel-connected modules
Abstract
The SCALE™-2 plug-and-play driver 2SP0115T2A0-CM450DX-24S / 2SP0115T2A0C-CM450DX-24S (Coated
version using ELPEGUARD SL 1307 FLZ/2 from Lackwerke Peters with a typical thickness of 50µm) is a
compact dual-channel intelligent gate driver designed for Mitsubishi’s 17mm dual IGBTs CM450DX-24S. The
driver features an electrical interface with a built-in DC/DC power supply.
For drivers adapted to other types of high-power and high-voltage IGBT modules, refer to
www.power.com/gate-driver/go/plug-and-play
Features
Applications
 Plug-and-play solution
 Allows parallel connection of IGBT modules
 Shortens application development time
 Extremely reliable; long service life
 Built-in DC/DC power supply
 20-pin flat cable interface
 Duty cycle 0... 100%
 Active clamping of Vce at turn-off
 IGBT short-circuit protection
 Monitoring of supply voltage
 Safe isolation to EN 50178
 UL compliant
 Suitable for CM450DX-24S
 Wind-power converters
 Industrial drives
 UPS
 Power-factor correctors
 Traction
 Railroad power supplies
 Welding
 SMPS
 Radiology and laser technology
 Research
 and many others


同様の部品番号 - 2SP0115T2A0-CM450DX-24S

メーカー部品番号データシート部品情報
logo
Power Integrations, Inc...
2SP0115T2A0-CM450DX-24T POWERINT-2SP0115T2A0-CM450DX-24T Datasheet
326Kb / 8P
Compact, high-performance, plug-and-play dual-channel IGBT driver
2019-04-03
2SP0115T2A0-CM450DX-24T1 POWERINT-2SP0115T2A0-CM450DX-24T1 Datasheet
249Kb / 8P
Compact, high-performance, plug-and-play dual-channel IGBT driver
2019-10-18
More results

同様の説明 - 2SP0115T2A0-CM450DX-24S

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
Plug and Play SCSI Terminator
logo
Microsemi Corporation
LX5218 MICROSEMI-LX5218 Datasheet
247Kb / 12P
9-CHANNEL PLUG AND PLAY SCS I TERMINATOR
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
Plug and Play SCSI Terminator
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
STANDALONE PLUG-AND-PLAY
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
Simple Plug and Play installation
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
Plug and play system evaluation
Rev. 0
logo
A-Data Technology
SV620H A-DATA-SV620H Datasheet
458Kb / 2P
Simple driver-less plug n play
UC360 A-DATA-UC360 Datasheet
747Kb / 2P
Simple driver-less plug n play
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
Easy Plug-and-play Design
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
Plug and Play SCSI Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com