| データシートサーチシステム |
|
LMV712TL/NOPB データシート(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV712TL/NOPB データシート(HTML) 20 Page - Texas Instruments |
|
20 / 33 page ![]() Copyright © 2016, Texas Instruments Incorporated VIN R1 10 k Reset 2N2945 R5 C1 10 k R3 D1 R2 10 k V+ 1N914A LMV71x (A2) LMV71x (A1) R4 10 k V+ VO + - + - 1 2 3 4 5 1 2 3 4 5 ILOAD (A) VOUT (V) C003 20 LMV712-N, LMV712-N-Q1 SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016 www.ti.com Product Folder Links: LMV712-N LMV712-N-Q1 Submit Documentation Feedback Copyright © 2001–2016, Texas Instruments Incorporated Typical Applications (continued) IG, a current proportional to ICHARGE, flows according to Equation 1. IG = VRSENSE / R1 = ( RSENSE × ICHARGE ) / R1 (1) IG also flows through the gain resistor R3 developing a voltage drop equal to Equation 2. V3 = IG × R3 = ( VRSENSE / R1 ) × R3 = ( ( RSENSE × ICHARGE ) / R2 ) × R3 (2) VOUT = (RSENSE × ICHARGE ) × G where • G = R3 / R1 (3) The other channel of the LMV712-N may be used to buffer the voltage across R3 to drive the following stages. 8.2.1.3 Application Curve Figure 35. High-Side Current-Sensing Results 8.2.2 Peak Detector Figure 36. Peak Detector Schematic 8.2.2.1 Design Requirements A peak detector outputs a DC voltage equal to the peak value of the applied AC signal. Peak detectors are used in many applications, such as test equipment, measurement instrumentation, ultrasonic alarm systems, and so forth. Figure 36 shows the schematic diagram of a peak detector using LMV712-N. This peak detector basically consists of a clipper, a parallel RC network, and a voltage follower. |