| データシートサーチシステム |
|
STM32L452VCI3 データシート(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCI3 データシート(HTML) 68 Page - STMicroelectronics |
|
68 / 210 page ![]() Pinouts and pin description STM32L452xx 68/210 DocID029968 Rev 3 -B2- - - 75 G11 VDD S - - - - 37 C3 49 49 A7 76 A10 PA14 (JTCK/ SWCLK) I/O FT (4) JTCK/SWCLK, LPTIM1_OUT, I2C1_SMBA, I2C4_SMBA, SAI1_FS_B, EVENTOUT - 38 A2 50 50 A6 77 A9 PA15 (JTDI) I/O FT (4) JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, SPI3_NSS, USART3_RTS_DE, UART4_RTS_DE, TSC_G3_IO1, EVENTOUT - -D4 51 51 B7 78 B11 PC10 I/O FT - TRACED1, SPI3_SCK, USART3_TX, UART4_TX, TSC_G3_IO2, SDMMC1_D2, EVENTOUT - - B352 52B6 79 C10 PC11 I/O FT - SPI3_MISO, USART3_RX, UART4_RX, TSC_G3_IO3, SDMMC1_D3, EVENTOUT - - A3 53 53 C580B10 PC12 I/O FT - TRACED3, SPI3_MOSI, USART3_CK, TSC_G3_IO4, SDMMC1_CK, EVENTOUT - --- -- 81 C9 PD0 I/O FT - SPI2_NSS, CAN1_RX, EVENTOUT - --- -- 82 B9 PD1 I/O FT - SPI2_SCK, CAN1_TX, EVENTOUT - - C4 54 - B5 83 C8 PD2 I/O FT - TRACED2, TIM3_ETR, USART3_RTS_DE, TSC_SYNC, SDMMC1_CMD, EVENTOUT - Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |