| データシートサーチシステム |
|
TLV702 データシート(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV702 データシート(HTML) 20 Page - Texas Instruments |
|
20 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TLV70227QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B8H TLV70227QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H7 TLV70227QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H7 TLV70227QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H7 TLV70228QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B9H TLV70228QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B9H TLV70228QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1B9H TLV70228QDDCRQ1 Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SJV TLV70228QDDCRQ1.A Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SJV TLV70228QDDCRQ1.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SJV TLV70228QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 HD TLV70228QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 HD TLV70228QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 HD TLV70229QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1BAH TLV70229QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1BAH TLV70229QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1BAH TLV70229QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H1 TLV70229QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H1 TLV70229QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 H1 TLV70230QDBVRQ1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1MQ7 TLV70230QDBVRQ1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1MQ7 TLV70230QDBVRQ1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 1MQ7 TLV70230QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HE TLV70230QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HE TLV70230QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HE TLV70231QDSERQ1 Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HF TLV70231QDSERQ1.A Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HF TLV70231QDSERQ1.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 HF Addendum-Page 2 |