データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

641237 データシート(PDF) 16 Page - TE Connectivity Ltd

部品番号 641237
部品情報  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

641237 データシート(HTML) 16 Page - TE Connectivity Ltd

Back Button 641237 Datasheet HTML 12Page - TE Connectivity Ltd 641237 Datasheet HTML 13Page - TE Connectivity Ltd 641237 Datasheet HTML 14Page - TE Connectivity Ltd 641237 Datasheet HTML 15Page - TE Connectivity Ltd 641237 Datasheet HTML 16Page - TE Connectivity Ltd 641237 Datasheet HTML 17Page - TE Connectivity Ltd 641237 Datasheet HTML 18Page - TE Connectivity Ltd 641237 Datasheet HTML 19Page - TE Connectivity Ltd 641237 Datasheet HTML 20Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
16
Covers
Material (RoHS Compliant)
Strain Relief Cover — UL94V-2
rated, nylon, white
Dust Covers — UL94V-0 rated,
polyester, white
Closed End Strain Relief Covers
Feed-Thru Strain Relief Covers
Closed End Dust Covers
Feed-Thru Dust Covers
.340
[8.64]
.345
[8.76]
.127
[3.23]
Note: This portion of the front locking bar
may or may not be present.
A
A
.130
[3.3]
.105
[2.67]
.360
[9.14]
Retention Dimple
.335
[8.51]
.360
[9.14]
Note: This portion of the front locking bar
may or may not be present.
A
.127
[3.23]
A
.130
[3.3]
.245
[6.22]
.395
[10.03]
Retention Dimple
Cover Ordering Information
The “Base Part Numbers”
Chart at right shows the
base part number and
number of circuits available
for the described cover.
Prefixes and suffixes are
determined by the number
of circuit positions in the
cover. For example, the
complete part number for
a 10-position closed end
strain relief cover would be:
Base number 643075 plus
prefix-and-suffix
1- — -0
The correct ordering num-
ber is
1-643075-0
Base Part Numbers
Closed End
Feed-Thru
Strain Relief
Dust
Strain Relief
Dust
Covers
Covers
Covers
Covers
Cover
No. of
Cover
No. of
Cover
No. of
Cover
No. of
Part Nos.
Circuits
Part Nos.
Circuits
Part Nos.
Circuits
Part Nos.
Circuits
643075
2–28
640550
2–28
643077
2–28
640642
3-28
Cover Length
No. of
Dim.
Prefix/
Circuits
A
Suffix
2
.200
-2
5.08
3
.300
-3
7.62
4
.400
-4
10.16
5
.500
-5
12.7
6
.600
-6
15.24
7
.700
-7
17.78
8
.800
-8
20.32
9
.900
-9
22.86
10
1.00
1- -0
25.4
11
1.100
1- -1
27.94
12
1.200
1- -2
30.48
13
1.300
1- -3
33.02
14
1.400
1- -4
35.56
15
1.500
1- -5
38.1
16
1.600
1- -6
40.64
17
1.700
1- -7
43.18
18
1.800
1- -8
45.72
19
1.900
1- -9
48.26
20
2.000
2- -0
50.8
21
2.100
2- -1
53.34
22
2.200
2- -2
55.88
No. of
Dim.
Prefix/
Circuits
A
Suffix
No. of
Dim.
Prefix/
Circuits
A
Suffix
No. of
Dim.
Prefix/
Circuits
A
Suffix
23
2.300
2- -3
58.42
24
2.400
2- -4
60.96
25
2.500
2- -5
63.5
26
2.600
2- -6
66.04
27
2.700
2- -7
68.58
28
2.800
2- -8
71.12
MTA-100 IDC Connector Accessories
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84