| データシートサーチシステム |
|
641237 データシート(PDF) 40 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
641237 データシート(HTML) 40 Page - TE Connectivity Ltd |
|
40 / 84 page ![]() 40 A .130 [3.30] .105 [2.67] .440 [11.18] .335 [8.51] Retention Dimple .127 [3.23] .440 [11.18] Note: This portion of front locking bar may or may not be present A .335 [8.51] Closed End Covers Material (RoHS Compliant) Strain Relief Covers — UL94V-2 rated, nylon, white Dust Covers — UL94V-0 rated, polyester, white Strain Relief Covers Dust Covers Base Part Numbers Closed End Strain Relief Dust Covers Covers Cover No. of Cover No. of Part Nos. Circuits Part Nos. Circuits 643067 2–24 640551 2–24 Cover Length No. of Dim. Prefix/ Circuits A Suffix 2 .312 -2 7.92 3 .468 -3 11.89 4 .624 -4 15.85 5 .780 -5 19.81 6 .936 -6 23.77 7 1.092 -7 27.74 8 1.248 -8 31.7 9 1.404 -9 35.66 10 1.560 1- -0 39.62 11 1.716 1- -1 43.59 12 1.872 1- -2 47.55 13 2.028 1- -3 51.51 14 2.184 1- -4 55.47 15 2.340 1- -5 59.44 16 2.496 1- -6 63.4 17 2.652 1- -7 67.36 No. of Dim. Prefix/ Circuits A Suffix No. of Dim. Prefix/ Circuits A Suffix 18 2.808 1- -8 71.32 19 2.964 1- -9 75.29 20 3.120 2- -0 79.25 21 3.276 2- -1 83.21 22 3.432 2- -2 87.17 23 3.588 2- -3 91.14 24 3.744 2- -4 95.1 Cover Ordering Information The “Base Part Numbers” Chart at right shows the base part number and number of circuits available for the described cover. Prefixes and suffixes are determined by the number of circuit positions in the cover. For example, the complete part number for a 10-position closed-end strain relief cover would be: Base number 643067 plus prefix-and-suffix 1- — -0 The correct ordering number is 1-643067-0 Feed-Thru Covers Material (RoHS Compliant) Strain Relief Covers — UL94V-2 rated, nylon, white Dust Covers — UL94V-0 rated, polyester, white Strain Relief Covers Dust Covers .127 [3.23] .470 [11.94] Note: This portion of front locking bar may or may not be present A A .325 [8.26] .475 [12.07] .130 [3.3] Retention Dimple Base Part Numbers Feed-Thru Strain Relief Dust Covers Covers Cover No. of Cover No. of Part Nos. Circuits Part Nos. Circuits 643071 2–24 640643 2–24 MTA-156 Connector Accessories MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |