| データシートサーチシステム |
|
CC1010-RTY1 データシート(PDF) 149 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTY1 データシート(HTML) 149 Page - Texas Instruments |
|
149 / 150 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) CC1010-RTY1 PAG TQFP 64 160 14x35 150 322.6 135.9 7620 15.2 13.1 13 CC1010PAG PAG TQFP 64 160 14x35 150 322.6 135.9 7620 15.2 13.1 13 CC1010PAG.B PAG TQFP 64 160 14x35 150 322.6 135.9 7620 15.2 13.1 13 Pack Materials-Page 3 |