| データシートサーチシステム |
|
CC1010-RTY1 データシート(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTY1 データシート(HTML) 17 Page - Texas Instruments |
|
17 / 150 page ![]() CC1010 SWRS047A Page 17 of 146 Pins P3.0 and P3.1 can be configured to become the RXD0 and TXD0 pin, respectively, of UART 0. Pins P3.2 and P3.3 are connected to the external interrupt inputs INT0 and INT1, respectively, and can cause interrupts if the corresponding interrupt enable flags are set in register IE. The interrupts inputs can be configured to be either level- sensitive or edge-sensitive. Pins P3.4 and P3.5 can be configured to become the pulse width modulator (PWM) outputs of Timer/PWM 2 and Timer/PWM 3, respectively. When pulse width modulation is enabled the corresponding bits in P3DIR and P3 are overridden. |