| データシートサーチシステム |
|
CC1010-RTY1 データシート(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTY1 データシート(HTML) 48 Page - Texas Instruments |
|
48 / 150 page ![]() CC1010 SWRS047A Page 48 of 146 Alternate Function Port Available pins Normal operation Flash Programming P0.0 SCK , SPI Serial Clock output SCK , SPI Serial Clock Input P0.1 MO , SPI Master Output SI , SPI Slave Input P0.2 MI , SPI Master Input SO , SPI Slave Output P0 P0.3 - - P1.0 - - P1.1 - - P1.2 - - P1.3 - - P1.4 - - P1.5 - - P1.6 - - P1 P1.7 - - P2.0 RXD1 , Serial port 1 input - P2.1 TXD1 , Serial port 1 output - P2.2 - - P2.3 - - P2.4 - - P2.5 - - P2.6 - - P2 P2.7 - - P3.0 RXD0 , Serial port 0 input - P3.1 TXD0 , Serial port 0 output - P3.2 INT0 , External interrupt 0 - P3.3 INT1 , External interrupt 1 - P3.4 T0 , Counter input 0 to Timer 0, or PWM2 , PWM output from Timer 2 - P3 P3.5 T1 , Counter input 1 to Timer 1, or PWM3 , PWM output from Timer 3 - Table 20. Available I/O-Ports |