データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F271Z1T3 データシート(PDF) 171 Page - STMicroelectronics

部品番号 ST10F271Z1T3
部品情報  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1T3 データシート(HTML) 171 Page - STMicroelectronics

Back Button ST10F271Z1T3 Datasheet HTML 167Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 168Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 169Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 170Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 171Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 172Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 173Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 174Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 185 page
background image
ST10F271Z1
Electrical characteristics
171/185
Figure 58.
Exteral memory cycle: demultiplexed bus, with/without r/w delay, extended ALE
t5
Read cycle
Write cycle
CLKOUT
ALE
CSx
RD
WR
WRL
WRH
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE
t26
t16
t17
t39
t41
t28
t38
t6
t6
t17
t28
Address
t18
Data in
t20
t14
t80
t81
t15
t21
t13
t12
Data out
t80
t81
t22
t24
t12
t13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More