データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F271Z1T3 データシート(PDF) 173 Page - STMicroelectronics

部品番号 ST10F271Z1T3
部品情報  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1T3 データシート(HTML) 173 Page - STMicroelectronics

Back Button ST10F271Z1T3 Datasheet HTML 169Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 170Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 171Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 172Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 173Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 174Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 175Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 176Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 185 page
background image
ST10F271Z1
Electrical characteristics
173/185
Figure 60.
External memory cycle: demultiplexed bus, without r/w delay, extended ALE, r/w CS
Address
t5
t16
t46
t57
t6
t53
t26
t17
t47
t48
t49
t48
t49
t50
Data in
t51
t68
t55
Data out
t82
t83
t82
t83
Read cycle
Write cycle
CLKOUT
ALE
RdCSx
WrCSx
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More