データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISC010N06NM5 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 ISC010N06NM5
部品情報  EiceDRIVER™ F3 Enhanced (1ED332x)Single- channel isolated gate driver family with short-circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC010N06NM5 データシート(HTML) 3 Page - Infineon Technologies AG

  ISC010N06NM5 Datasheet HTML 1Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 2Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 3Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 4Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 5Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 6Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 7Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OptiMOS™ 5 MOSFET 25 V and 30 V in PQFN 2x2 package
With the new OptiMOS™ 5 best-in-class 25 V and 30 V in
PQFN 2x2 product family, Infineon is setting impressive new
standards in small form factor, on-state resistance (RDS(on))
and switching performance.
Benefits
 Optimized for high performance applications
 Optimized for highest efficiency and power density
 Enables significant space saving
 System cost reduction
 Very low voltage overshoot
 Less paralleling required
 Environmentally friendly
Product collaterals / Online support
Product page ISK024NE2LM5
Product page ISK036N03LM5
Block diagram: Portable charger
Features
 New best-in-class products
 150°C junction temperature (T
j)
 Industry’s lowest R
DS(on) in smallest PQFN 2x2 package
 Superior thermal resistance for a PQFN 2x2 package
 100% avalanche tested
 Smallest package for highest PCB layout routing flexibility
 Pb-free lead plating; RoHS compliant; Halogen-free according to
IEC61249-2-21
Target applications
 Wireless charging
 Charger and adapters
 Robots and drones
 Industrial SMPS
 Server
 Telecom
 Consumer
Product overview incl. data sheet link
OPN
SP Number
Package
ISK024NE2LM5
SP002296752
PG-VSON-6
ISK036N03LM5
SP002296744
PG-VSON-6
Competitive advantage
 Best-in-class R
DS(on)max in smallest 2x2 PQFN package for
maximium power density
 System cost reduction
 High continuous current capability up to 55 A
 Superior thermal resistance (R
thJC=11 K/W)
 150°C junction temperature (T
j)



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com