データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISC010N06NM5 データシート(PDF) 4 Page - Infineon Technologies AG

部品番号 ISC010N06NM5
部品情報  EiceDRIVER™ F3 Enhanced (1ED332x)Single- channel isolated gate driver family with short-circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC010N06NM5 データシート(HTML) 4 Page - Infineon Technologies AG

  ISC010N06NM5 Datasheet HTML 1Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 2Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 3Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 4Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 5Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 6Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 7Page - Infineon Technologies AG ISC010N06NM5 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OptiMOS™ 5 60 V Power MOSFET in SuperSO8 5x6
(SSO8) package
Infineon’s new best-in-class OptiMOS™ 5 60 V Power
MOSFET in SuperSO8 package (ISC010N06NM5) offers low
on-state resistance RDS(on) at 25˚C and 175˚C, and high con-
tinuous current (up to 330 A). Infineon's OptiMOS™
MOSFETs in SuperSO8 package extend OptiMOS™ 3 and 5
product portfolio and enable higher power density in addi-
tion to improved robustness, responding to the need for
lower system cost and increased performance.
Low reverse recovery charge (Qrr) improves the system reli-
ability by providing a significant reduction of voltage over-
shoot, which minimizes the need for snubber circuits, result-
ing in less engineering cost and effort.
Benefits
 Lower conduction losses, higher power density and efficiency
 Less paralleling for system cost reduction
 Reduced overshoot
 Excellent thermal behavior
Product collaterals / Online support
Product page
Application example
Features
 Lowest R
DS(on)
 Low R
thJC
 Low reverse recovery charge (Q
rr)
 Higher operating temperature rating to 175°C
Target applications
 Telecom
 Server
 Power tools
 Low voltage drives
 Class D audio, solar micro inverter, etc.
Product overview incl. data sheet link
OPN
SP Number
Package
ISC010N06NM5
SP005630896
PG-TSON-8
Competitive advantage
 Market leader with best-in-class R
DS(on)



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com