データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8545ATT/AJ データシート(PDF) 41 Page - NXP Semiconductors

部品番号 PCF8545ATT/AJ
部品情報  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ データシート(HTML) 41 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 37Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 38Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 40Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 41Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 42Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 43Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 44Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
41 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
EMC detection: The PCF8545 is ruggedized against EMC susceptibility; however it is not
possible to cover all cases. To detect if a severe EMC event has occurred, it is possible to
check the responsiveness of the device by reading its register.
Table 29.
Modified status read out value
Bit
Symbol
Value
Description
7 to 1
-
1111000
fixed value
0
A0
0
read back value is 1111 0000
1
read back value is 1111 0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72