| データシートサーチシステム |
|
PCF8545ATT/AJ データシート(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT/AJ データシート(HTML) 64 Page - NXP Semiconductors |
|
64 / 72 page ![]() PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 13 November 2013 64 of 72 NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 21. Abbreviations Table 41. Abbreviations Acronym Description CDM Charged-Device Model CMOS Complementary Metal-Oxide Semiconductor DC Direct Current EMC ElectroMagnetic Compatibility EPROM Erasable Programmable Read-Only Memory ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit bus IC Integrated Circuit LCD Liquid Crystal Display LSB Least Significant Bit MSB Most Significant Bit MSL Moisture Sensitivity Level MUX Multiplexer OTP One Time Programmable PCB Printed-Circuit Board POR Power-On Reset RC Resistance-Capacitance RAM Random Access Memory RGB Red Green Blue RMS Root Mean Square SCL Serial CLock line SDA Serial DAta line SPI Serial Peripheral Interface |